Part Number Hot Search : 
EA1532AT FAN5071 DBUR0520 2N5551 V470M MJE2003 WR10K S87C51FB
Product Description
Full Text Search
 

To Download APA3010SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Part Number: APA3010SRCPRV Super Bright Red
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAD1036 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203000635
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APA3010SRCPRV Super Bright Red (GaAlAs) WATER CLEAR 50 Typ. 100 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 75 30 155 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1036 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203000635
Super Bright Red
APA3010SRCPRV
SPEC NO: DSAD1036 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203000635
APA3010SRCPRV
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD1036 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203000635
PACKING & LABEL SPECIFICATIONS
APA3010SRCPRV
SPEC NO: DSAD1036 APPROVED: WYNEC
REV NO: V.7 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203000635


▲Up To Search▲   

 
Price & Availability of APA3010SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X